||||||||||||||| abs25 standard specifications: 8.0 x 2.5 x 3.8 mm applications: ? wide range in communication & measuring equipment ? commercial & industrial applications ? automotive electronics applications ? wireless communications ? pda and palm pilots ? ceramic package offers excellent environmental & heat resistance ? extended temperature -40c to +85c for industrial applications features: ? low frequency in small size smd ? 2.5mm height ideal for high density circuit boards operating temperature turn-over temperature storage temperature frequency tolerance equivalent series resistance load capacitance cl capacitance ratio motional capacitance c1 aging (first year) 25c 3c parameters nominal frequency frequency range 32.768 khz abracon p/n abs25 30khz to 165khz 20 ppm max. (for 32.768khz) 450 typ. (32.768khz) 425 to 800 typ. (others) 30 ppm max. for other frequencies (see options) -40c to + 85c +25c to 5c -55c to +125c 50 kohms max. (32.768khz) 30 kohms to 50 kohms max. (others) - 0.0340.006 ppm/t2 12.5 pf (see option) drive level 1.0 m w max. 3 ppm max. (32.768khz) 5 ppm max. (others) insulation resistance 500 m 7 with 100 vdc 15v abracon is iso 9001 / qs 9000 certified abracon is iso 9001 / qs 9000 certified options and part identification: (left blank if standard) low frequency smd crystal shunt capacitance c0 1.35 pf typ. (32.768khz) 0.8 pf to 1.7 pf typ. (others) 0.0023 pf typ. 30332 esperanza, rancho santa margarita, california 92688 tel 949-546-8000 | fax 949-546-8001 | www.abracon.com revised: 08.08.07 visit www.abracon.com for terms & conditions of sale frequency coefficient ( ) rohs compliant pb in high temperature solder (exempt per rohs 2002/95/ec annex (7)) 1 10 ppm blank 5 15 ppm t 2 20 ppm 3 25 ppm 4 30 ppm g n i g a k c a p e c n a r e l o t . q e r f tape and reel bulk abs25- frequency- -- cl option please specify load cap. in pf (ex. 6pf)
||||||||||||||| abs25 8.0 x 2.5 x 3.8 mm abracon is iso 9001 / qs 9000 certified abracon is iso 9001 / qs 9000 certified low frequency smd crystal 30332 esperanza, rancho santa margarita, california 92688 tel 949-546-8000 | fax 949-546-8001 | www.abracon.com revised: 08.08.07 visit www.abracon.com for terms & conditions of sale rohs compliant pb in high temperature solder (exempt per rohs 2002/95/ec annex (7)) dimensions: (inches) mm outline drawing: tape & reel: t = tape and reel 3,000pcs/reel dimensions: mm
|